|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FDD6670A February 2000 FDD6670A N-Channel, Logic Level, PowerTrench MOSFET General Description This N-Channel Logic level MOSFET is produced using Fairchild Semiconductor's advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance. Features * * * 66 A, 30 V. RDS(on) = 0.008 @ VGS = 10 V RDS(on) = 0.010 @ VGS = 4.5 V. Low gate charge (35nC typical). Fast switching speed. High performance trench technology for extremely low RDS(on). Applications * * DC/DC converter Motor drives * D D G S TO-252 Absolute Maximum Ratings Symbol V DSS V GSS ID Drain-Source Voltage Gate-Source Voltage Maximum Drain Current Maximum Drain Current PD -Continuous T A = 25 oC -Pulsed T C = 25 oC T A = 25 oC T A = 25 oC T J, T stg (Note 1) (Note 1a) (Note 1b) (Note 1) (Note 1a) TC=25 C unless otherwise noted o G S Parameter Ratings 30 20 66 15 100 70 3.2 1.3 -55 to +150 Units V V A Maximum Power Dissipation W Operating and Storage Junction Temperature Range C Thermal Characteristics R JC R JA Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient (Note 1) (Note 1a) (Note 1b) 1.8 40 96 C/W C/W C/W Package Marking and Ordering Information Device Marking FDD6670A 2000 Fairchild Semiconductor Corporation Device FDD6670A Reel Size 13'' Tape width 16mm Quantity 2500 FDD6670A, Rev. C FDD6670A Electrical Characteristics Symbol WDSS IAR BVDSS BVDSS TJ IDSS IGSSF IGSSR TA = 25C unless otherwise noted Parameter (Note 2) Test Conditions Min Typ Max Units 400 66 mJ A V Drain-Source Avalanche ratings Single Pulse Drain-Source VDD = 15 V, ID = 66 A Avalanche Energy Maximum Drain-Source Avalanche Current Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse (Note 2) Off Characteristics VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 24 V, VGS = 0 V VGS = 20V, VDS = 0 V VGS = -20 V, VDS = 0 V 30 25 1 100 -100 mV/C A nA nA On Characteristics VGS(th) VGS(th) TJ RDS(on) Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance VDS = VGS, ID = 250 A ID = 250 A, Referenced to 25C VGS = 10 V, ID = 15 A VGS = 10 V, ID = 15 A,TJ=125C VGS = 4.5 V, ID =13 A VGS = 10 V, VDS = 5 V VDS = 5 V, ID = 12 A 1 1.6 -4 0.0065 0.0090 0.0085 3 V mV/C 0.008 0.013 0.010 ID(on) gFS 50 55 A S Dynamic Characteristics Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance (Note 2) VDS = 15 V, VGS = 0 V, f = 1.0 MHz 3200 820 400 pF pF pF Switching Characteristics td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD = 15 V, ID = 1 A, VGS = 10 V, RGEN = 6 15 15 85 42 27 27 105 68 50 ns ns ns ns nC nC nC VDS = 15 V, ID = 15 A, VGS = 5 V, 35 9 16 Drain-Source Diode Characteristics and Maximum Ratings IS VSD Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = 2.3 A (Note 2) 2.3 0.72 1.2 A V Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the drain tab. RJC is guaranteed by design while RCA is determined by the user's board design. a) RJA= 40oC/W when mounted on a 1in2 pad of 2oz copper. b) RJA= 96oC/W when mounted on a minimum pad . Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0% FDD6670A, Rev. C FDD6670A Typical Characteristics 50 2.2 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = 10V 4.5V 3.5V 3.0V ID, DRAIN-SOURCE CURRENT (A) 2 VGS = 3.0V 1.8 1.6 3.5V 1.4 1.2 1 0.8 4.0V 4.5V 6.0V 10V 40 30 20 10 0 0 1 2 3 4 5 0 10 20 30 40 50 VDS, DRAIN-SOURCE VOLTAGE (V) ID, DRAIN CURRENT (A) Figure 1. On-Region Characteristics. Figure 2. On-Resistance Variation with Drain Current and Gate Voltage. 0.025 RDS(ON), ON-RESISTANCE (OHM) 1.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE ID = 15A VGS = 10V 1.4 ID = 8 A 0.02 1.2 0.015 TA = 125 C 0.01 o o 1 0.8 0.005 TA = 25 C 0.6 -50 -25 0 25 50 75 100 o 0 125 150 2 4 6 8 10 TJ, JUNCTION TEMPERATURE ( C) VGS, GATE TO SOURCE VOLTAGE (V) Figure 3. On-Resistance Variation with Temperature. 60 IS, REVERSE DRAIN CURRENT (A) 100 Figure 4. On-Resistance Variation with Gate-to-Source Voltage. VDS = 5V 50 ID, DRAIN CURRENT (A) 40 30 20 10 0 1 1.5 2 2.5 3 3.5 4 VGS = 0V 10 TA = 125 C 1 25 C 0.1 -55 C 0.01 0.001 0.0001 0 0.2 0.4 0.6 0.8 1 1.2 o o o 125 C o 25 C o TA = -55 C o VGS, GATE TO SOURCE VOLTAGE (V) VSD, BODY DIODE FORWARD VOLTAGE (V) Figure 5. Transfer Characteristics. Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature. FDD6670A, Rev. C FDD6670A Typical Characteristics 10 VGS, GATE-SOURCE VOLTAGE (V) ID = 15A 8 (continued) 5000 VDS = 5V 10V 15V 4000 CAPACITANCE (pF) CISS 3000 f = 1MHz VGS = 0 V 6 4 2000 2 1000 COSS CRSS 0 0 10 20 30 40 50 60 70 0 0 5 10 15 20 25 30 Qg, GATE CHARGE (nC) VDS, DRAIN TO SOURCE VOLTAGE (V) Figure 7. Gate-Charge Characteristics. Figure 8. Capacitance Characteristics. 1000 RDS(ON) LIMIT 100s 1ms 10ms 100ms 1s 1 VGS = 10V SINGLE PULSE RJA = 96 oC/W TA = 25oC 0.01 0.1 1 10 100 VDS, DRAIN-SOURCE VOLTAGE (V) DC 10s P(pk), PEAK TRANSIENT POWER (W) 200 SINGLE PULSE RJA = 96 C/W TA = 25C ID, DRAIN CURRENT (A) 100 150 10 100 0.1 50 0 0.001 0.01 0.1 1 10 100 t1, TIME (sec) Figure 9. Maximum Safe Operating Area. Figure 10. Single Pulse Maximum Power Dissipation. r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 1 D = 0.5 0.2 RJA(t) = r(t) + RJA RJA = 96 C/W P(pk) t1 t2 SINGLE PULSE 0.01 0.1 0.1 0.05 0.02 0.01 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2 0.001 0.0001 0.001 0.01 0.1 t1, TIME (sec) 1 10 100 1000 Figure 11. Transient Thermal Response Curve. Thermal characterization performed using the conditions described in Note 1. Transient themal response will change depending on the circuit board design. FDD6670A, Rev. C TO-252 Tape and Reel Data and Package Dimensions D-PAK (TO-252) Packaging Configuration: Figure 1.0 Packaging Description: EL ECT ROST AT IC SEN SIT IVE DEVICES DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S TNR D ATE PT NUMB ER PEEL STREN GTH MIN ___ __ ____ __ ___gms MAX ___ ___ ___ ___ _ gms Antistatic Cover Tape ESD Label TO-252 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 2500 units per 13" or 330cm diameter reel. The reels are dark blue in color and is made of polystyrene plastic (antistatic coated). This and some other options are further described in the Packaging Information table. These full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. One box contains two reels maximum. And these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped. Static Dissipative Embossed Carrier Tape F63TNR Label D-PAK (TO-252) Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel(kg) Note/Comments Standard (no flow code) TNR 2,500 13" Dia 359x359x57 5,000 0.300 1.200 D-PAK (TO-252) Unit Orientation 359mm x 359mm x 57mm Standard Intermediate box ESD Label F63TNR Label sample F63TNR Label LOT: CBVK741B019 FSID: FDD6680 QTY: 2500 SPEC: D/C1: Z9942 D/C2: QTY1: QTY2: SPEC REV: CPN: N/F: F (F63TNR)3 TO-252 (D-PAK) Tape Leader and Trailer Configuration: Figure 2.0 Carrier Tape Cover Tape Components Trailer Tape 640mm minimum or 80 empty pockets Leader Tape 1680mm minimum or 210 empty pockets FZ9935 FDD 6680 FZ9935 FDD 6680 FZ9935 FDD 6680 FZ9935 FDD 6680 July 1999, Rev. A TO-252 Tape and Reel Data and Package Dimensions D-PAK (TO-252) Embossed Carrier Tape Configuration: Figure 3.0 T E1 P0 D0 F K0 Wc B0 E2 W Tc A0 P1 D1 User Direction of Feed Dimensions are in millimeter Pkg type TO252 (24mm) A0 6.90 +/-0.10 B0 10.50 +/-0.10 W 16.0 +/-0.3 D0 1.55 +/-0.05 D1 1.5 +/-0.10 E1 1.75 +/-0.10 E2 14.25 min F 7.50 +/-0.10 P1 8.0 +/-0.1 P0 4.0 +/-0.1 K0 2.65 +/-0.10 T 0.30 +/-0.05 Wc 13.0 +/-0.3 Tc 0.06 +/-0.02 Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C). 10 deg maximum Typical component cavity center line 0.9mm maximum B0 10 deg maximum component rotation 0.9mm maximum Sketch A (Side or Front Sectional View) Component Rotation A0 Sketch B (Top View) Typical component center line Sketch C (Top View) Component lateral movement D-PAK (TO-252) Reel Configuration: Figure 4.0 Component Rotation W1 Measured at Hub Dim A Max B Min Dim C Dim A max Dim N Dim D min DETAIL AA See detail AA W3 13" Diameter Option W2 max Measured at Hub Dimensions are in inches and millimeters Tape Size 164mm Reel Option 13" Dia Dim A 13.00 330 Dim B 0.059 1.5 Dim C 512 +0.020/-0.008 13 +0.5/-0.2 Dim D 0.795 20.2 Dim N 4.00 100 Dim W1 0.646 +0.078/-0.000 16.4 +2/0 Dim W2 0.882 22.4 Dim W3 (LSL-USL) 0.626 - 0.764 15.9 - 19.4 July 1999, Rev. A TO-252 Tape and Reel Data and Package Dimensions TO-252 (FS PKG Code AA) 1:1 Scale 1:1 on letter size paper Dimensions shown below are in: inches [millimeters] Part Weight per unit (gram): 0.300 September 1999, Rev. A TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM DISCLAIMER ISOPLANARTM MICROWIRETM POPTM PowerTrench QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. D |
Price & Availability of FDD6670 |